Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ27Z561YPHT-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Device Functional Modes (continued)
time intervals. Between these intervals, the device is operating in a reduced power stage to minimize total
average current consumption.
•
DEEP SLEEP mode: In this mode, the current is reduced slightly while current and voltage are still measured
periodically, with a user-defined time between reads.
•
OFF mode: The device is completely disabled by pulling CE low. CE disables the internal voltage rail. All non-
volatile memory is unprotected.
8.4.1 Lifetime Logging Features
The device supports data logging of several key parameters for warranty and analysis:
•
Maximum and Minimum Cell Temperature
•
Maximum Current in CHARGE or DISCHARGE Mode
•
Maximum and Minimum Cell Voltages
•
Total Run Time (This data is stored with a resolution of 2 hours.)
•
Time spent different temperature ranges (This data is stored with a resolution of 2 hours.)
8.4.2 Configuration
The device supports accurate data measurements and data logging of several key parameters.
8.4.2.1 Coulomb Counting
The device uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement. The ADC
measures charge/discharge flow of the battery by measuring the voltage across a very small external sense
resistor. The integrating ADC measures a bipolar signal from a range of –100 mV to 100 mV, with a positive
value when V(SRP) – V(SRN), indicating charge current and a negative value indicating discharge current.
The current measurement is performed by measuring the voltage drop across the external sense resistor, which
can be as low as 1 mΩ, and the polarity of the differential voltage determines if the cell is in the CHARGE or
DISCHARGE mode.
8.4.2.2 Cell Voltage Measurements
The BQ27Z561-R1 gas gauge measures the cell voltage at 1-s intervals using the ADC. This measured value is
internally scaled for the ADC and is calibrated to reduce any errors due to offsets. This data is also used for
calculating the impedance of the cell for Impedance Track gas gauging.
8.4.2.3 Auto Calibration
The auto-calibration feature helps to cancel any voltage offset across the SRP and SRN pins for accurate
measurement of the cell voltage, charge/discharge current, and thermistor temperature. The auto-calibration is
performed when there is no communication activity for a minimum of 5 s on the bus lines.
8.4.2.4 Temperature Measurements
This device has an internal sensor for on-die temperature measurements, and the ability to support an external
temperature measurement via the external NTC on the TS pin. These two measurements are individually
enabled and configured.
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com