Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ27Z561YPHT-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CE
BAT
SRP
SRN
VSS
SDA/HDQ
SCL
INT
PULS
TS
BAT_SNS
PACK+
PACK-
+
-
Protector
IC
0.1 PF
RSENSE
1 m
Ÿ
Battery
RSRN
100
Ÿ
RSRP
100
Ÿ
Thermistor
10 k
Ÿ
1 µF
Tie to CPU for
direct control
NU
15
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.1 Application Information
The BQ27Z561-R1 gas gauge can be used with a 1-series Li-Ion/Li-Polymer battery pack. To implement and
design a comprehensive set of parameters for a specific battery pack, the user needs Battery Management
Studio (BQStudio), which is a graphical user-interface tool installed on a PC during development. The firmware
installed in the product has default values, which are summarized in the BQ27Z561-R1 Technical Reference
Manual (SLUUBY5). Using the BQStudio tool, these default values can be changed to cater to specific
application requirements during development once the system parameters, such as enable/disable of certain
features for operation, cell configuration, chemistry that best matches the cell used, and more are known. The
final flash image, which is extracted once configuration and testing are complete, will be used for mass
production and is referred to as the "golden image."
9.2 Typical Applications
The following is an example BQ27Z561-R1 application schematic for a single-cell battery pack.
Figure 8. BQ27Z561-R1 1-Series Cell Typical Implementation
9.2.1 Design Requirements (Default)
Design Parameter
Example
Cell Configuration
1s1p (1 series with 1 parallel)
Design Capacity
5300 mAh
Device Chemistry
Li-Ion
Design Voltage
4000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com