Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27Z561YPHT-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Used for ADC
7.14 Voltage Reference2 (REF2)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF2
Internal Reference Voltage(1)
1.2
1.21
1.22
V
VREF2_DRIFT
Internal Reference Voltage
Drift
TA = –40 °C to 85°C
–20
20
PPM/°C
7.15 Flash Memory
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
100
Years
Flash programming write
cycles
Data Flash
20000
Cycles
Instruction Flash
1000
Cycles
t(ROWPROG)
Row programming time
40
µs
t(MASSERASE)
Mass-erase time
TA = –40°C to 85°C
40
ms
t(PAGEERASE)
Page-erase time
TA = –40°C to 85°C
40
ms
IFLASHREAD
Flash Read Current
TA = –40°C to 85°C
1
mA
IFLASHWRTIE
Flash Write Current
TA = –40°C to 85°C
5
mA
IFLASHERASE
Flash Erase Current
TA = –40°C to 85°C
15
mA
7.16 I
2C I/O
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
SCL, SDA/HDQ, VREG18 = 1.8 V
1.26
V
VIL
Low-level input voltage low
VREG18 = 1.8 V
0.54
V
VOL
Low-level output voltage
IOL = 1 mA, VREG18 = 1.8 V
0.36
V
CI
Input capacitance
10
pF
Ilkg
Input leakage current
1
µA
7.17 I
2C Timing — 100 kHz
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSCL
Clock Operating Frequency
SCL duty cycle = 50%
100
kHz
tHD:STA
START Condition Hold Time
4.0
µs
tLOW
Low period of the SCL Clock
4.7
µs
tHIGH
High period of the SCL
Clock
4.0
µs
tSU:STA
Setup repeated START
4.7
µs
tHD:DAT
Data hold time (SDA input)
0
ns
tSU:DAT
Data setup time (SDA input)
250
ns
tr
Clock Rise Time
10% to 90%
1000
ns
tf
Clock Fall Time
90% to 10%
300
ns
tSU:STO
Setup time STOP Condition
4.0
µs
tBUF
Bus free time STOP to
START
4.7
µs
7.18 I
2C Timing — 400 kHz
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fSCL
Clock Operating Frequency
SCL duty cycle = 50%
400
kHz
tHD:STA
START Condition Hold Time
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com