Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ27Z561YPHT-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 15Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REG18
ADC
TS
NTC
12
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2.2 CC Digital Filter
The CC digital filter generates a 16-bit conversion value from the delta-sigma CC front-end. Its FIR filter uses the
HFO clock output. New conversions are available every 1 s.
8.3.2.3 ADC Multiplexer
The ADC multiplexer provides selectable connections to the external pins BAT, BAT_SNS, TS, the internal
temperature sensor, internal reference voltages, internal 1.8-V regulator, and VSS ground reference input. In
addition, the multiplexer can independently enable the TS input connection to the internal thermistor biasing
circuitry, and enables the user to short the multiplexer inputs for test and calibration purposes.
8.3.2.4 Analog-to-Digital Converter (ADC)
The second ADC is a 16-bit delta-sigma converter designed for general-purpose measurements. The ADC
automatically scales the input voltage range during sampling based on channel selection. The converter
resolution is a function of its full-scale range and number of bits, yielding a 38-µV resolution.
8.3.2.5 Internal Temperature Sensor
An internal temperature sensor is available on the BQ27Z561-R1 device to reduce the cost, power, and size of
the external components necessary to measure temperature. It is available for connection to the ADC using the
multiplexer, and is ideal for quickly determining pack temperature under a variety of operating conditions.
8.3.2.6 External Temperature Sensor Support
The TS input is enabled with an internal 18-kΩ (Typ.) linearization pull-up resistor to support the use of a 10-kΩ
(25°C) NTC external thermistor, such as the Semitec 103AT-2. The NTC thermistor should be connected
between VSS and the individual TS pin. The analog measurement is then taken via the ADC through its input
multiplexer. If a different thermistor type is required, then changes to configurations may be required.
Figure 7. External Thermistor Biasing
8.3.3 Power Supply Control
The BQ27Z561-R1 device uses the BAT pin as its power source. BAT powers the internal voltage sources that
supply references for the device. BAT_SNS is a non-current carrying path and used at the Kelvin reference for
BAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com