Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27Z561YPHT-R1 Datasheet HTML 1Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 2Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CE
BAT
SRP
SRN
VSS
SDA/HDQ
SCL
INT
PULS
TS
BAT_SNS
PACK+
PACK-
+
-
Protector
IC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
BQ27Z561-R1
SLUSDH5 – MARCH 2019
BQ27Z561-R1 Impedance Track™ battery gas gauge solution
for 1-series cell li-ion battery packs
1
1 Features
1
•
Supports current sense resistors down to 1 mΩ
•
Supports pack-side gauging including enhanced
state of health (SOH) algorithm
•
Fast QMAX update option based on predicted
OCV
•
SHA-256 authentication responder for increased
battery pack security
•
Sophisticated charge algorithms:
–
JEITA
–
Enhanced charging
–
RSOC() charging compensation option
•
Two independent ADCs
–
Support for simultaneous current and voltage
sampling
–
High-accuracy coulomb counter with input
offset error < 1 µV (typical)
•
Low-voltage (2-V) operation
•
Wide-range current applications (1 mA to > 5 A)
•
Active high or low pulse or level interrupt pin
•
Supports battery trip point (BTP)
•
Reduced power modes (typical battery pack
operating range conditions)
–
Typical SLEEP mode: < 11 μA
–
Typical DEEP SLEEP mode: < 9 μA
–
Typical OFF mode: < 1.9 μA
•
Internal and external temperature sense functions
•
Diagnostic lifetime data monitor and black box
recorder
•
400-kHz I2C bus communications interface for
high-speed programming and data access
•
HDQ one-wire for Ccommunication with host
•
Compact 12-pin DSBGA package (YPH)
2 Applications
•
Smartphones
•
Digital still and video cameras
•
Tablet computing
•
Portable and wearable health devices and
portable audio devices
3 Description
The Texas Instruments BQ27Z561-R1 Impedance
Track™ gas gauge solution is a highly integrated,
accurate 1-series cell gas gauge with a flash
programmable custom reduced instruction-set CPU
(RISC) and SHA-256 authentication for Li-Ion and Li-
Polymer battery packs. The 1-series cell capability
includes parallel cells for increased capacity.
The BQ27Z561-R1 gas gauge communicates via I2C-
compatible
and
HDQ
one-wire
interfaces
and
includes several key features that can help facilitate
accurate
gas
gauging
applications.
Integrated
temperature sense functions (internal and external
options) enable system and battery temperature
measurements.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BQ27Z561-R1
DSBGA (12)
1.72 mm × 2.09 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ27Z561YPHT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z561YPHT-R1 TI1-BQ27Z561YPHT-R1 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
More results

Similar Description - BQ27Z561YPHT-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com