Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561YPHT-R1 Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ27Z561YPHT-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561YPHT-R1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ27Z561YPHT-R1 Datasheet HTML 16Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 17Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 18Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 19Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 20Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 21Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 22Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 23Page - Texas Instruments BQ27Z561YPHT-R1 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
12X (
)
0.23
(0.5) TYP
(0.5) TYP
(
)
METAL
0.23
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.23
0.05 MIN
4222640/A 12/2015
DSBGA - 0.4 mm max height
YPH0012
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SNVA009 (www.ti.com/lit/snva009).
D
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
1
2
A
B
C
3
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com