Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 2 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 2 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
2 / 8
http://www.world-semi.com
Mechanical Dimensions
Remarks
1. Dimension: 5.0*5.4*1.5mm
2. Default tolerance: ±0.01mm
PIN Configuration
PIN Function
NO.
Symbol
PIN
Function description
1
VCC
VCC
IC POWER SUPPLY
2
VDD
VDD
LED POWER SUPPLY, connect to “+5V”
3
DO
DO
Control data signal output
4
DIN
DIN
Control data signal input
5
GND
GND
Data & Power Grounding
6
BIN
BIN
Backup Control data signal input
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VDD
+3.7~+5.3
V
Logical Input Voltage
VI
VDD-0.7~VDD+0.7
V
Operating Temperature
Topt
-25~+85
℃
Storage Temperature
Tstg
-40~+105
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com