Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 8 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 8 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
8 / 8
http://www.world-semi.com
6. Assembly Precautions
1. Clip the LED from its side.
2. Neither directly touch the gel surface with the hand
or sharp instrument, it may damage its internal circuit.
3. Not to be double stacked, it may damage its
internal circuit.
4. Can not be stored in or applied in the acidic sites of
PH<7.
Modify Record
Version № Status Bar
Modify Content Summary
Date
Reviser
Approved
V1.0
N
New
20170523 Shen JinGuo
Yin HuaPing
V1.1
M
Absolute Maximum Ratings、Mechanical
Dimensions
20171009 Shen JinGuo
Yin HuaPing
V1.2
M
Maximum ratings, Timing
20180207 Shen JinGuo
Yin HuaPing
V1.3
M
“The transparent sealing silica gel” changed to
“The opaque Modified Epoxy Resin”. Refers to
PRECAUTIONS
20180412 Shen JinGuo
Yin HuaPing
V1.4
M
Logical Input Voltage;Brightness adjustment;
Precautions
20180719 Shen JinGuo
Yin HuaPing
Remarks: Initial version: V1.0;Version number plus "0.1" after each revision;
Status bar: N--New, A--Add, M--Modify, D--Delete.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com