Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 7 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 7 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
7 / 8
http://www.world-semi.com
2.3. Management after unpacking
It’s recommend to perform SMT assembly as soon as possible after opening the moisture-proof bag, and reflow
soldering should be completed within 4 hours after SMT assembly; for the remaining LEDs, they should be
re-packed in seal package and placed in moisture-proof cabinet (Please note that it’s necessary to rebake at
“
70℃-75℃/48 hours” before next SMT process).
3. Dehumidification Operation (Non-leakage of air, baking temperature:70℃-75℃)
a. MD within 2 weeks, baking time: 24 hours.
b. MD exceeds 2 weeks, baking time: 48 hours.
4. Management of secondary SMT process
It’s necessary to do moisture-proof treatment when the secondary reflow carried out that followed the first reflow.
It can’t be more than 2 hours to be exposed at condition of “<30℃/60%RH” and dehumification operation is
requested for a longer interval reflow. For instance, place in a drying box or a container with desiccant, and
dehumidify it before the secondary reflow(Low temperature baking operation:
70℃-75℃, ≥12 hours).
5. SMT Reflow
Refer to the parameters listed below, the experimental results prove that the TOP SMD LED meets the JEDEC
J-STD-020C standards. As a general guideline, it is recommended to follow the SMT reflow temperature curve
recommended by the solder paste manufacturer.
Remarks: 1. These general guidelines may not apply to all PCB designs and reflow soldering configurations.
2. All temperatures referred are measured on the surface of the package body.
Curve Description
Lead-free
Reflow
The lowest preheat temperature (Tsmin)
150℃
The highest preheat temperature (Tsmax)
200℃
Preheating time (Tsmin to Tsmax) (ts)
60-180 S
Average rate of temperature rise (Tsmax to Tp)
<3℃/S
LIQUID REGION temperature (TL)
217℃
LIQUID REGION Holding Time (tL)
60-150 S
Peak Temperature (Tp)
240℃
High Temperature Region(Tp=-5℃) Holding
Time (tp)
<10 S
Cooling Rate
<6℃/S
Room Temperature to Peak Holding Time
<6 min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com