Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 1 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 1 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
1 / 8
http://www.world-semi.com
Features and Benefits
The control circuit and RGB chip are integrated in a 5050 components, to form an external control pixel.
Intelligent Reverse-connection protection.
Using the built-in signal reshaping circuit to achieve the signal waveform shaping, and no distortion of waveform of
signal takes place.
The gray levels of each pixel are of 256 levels, which achieves “256*256*256=16777216” full-color display, and
the refresh frequency reaches to 2KHz.
Serial cascade interface, data receiving and decoding depend on just one signal line.
Dual-signal wires version, signal break-point continuous transmission.
Any two point the distance more than 5M transmission signal without any increase circuit.
When the refresh rate is 30fps, cascade numbers is at least 1024 pixels.
Data transmitting at speeds of up to 800Kbps.
Good color consistency reliability, high cost-effective.
Applications
Guardrail tube series, point light display series, flexible/rigid strips series, module series applications.
Lighting stage costumes, innovative gadgets or any other electronic products.
General description
WS2813 is an intelligent control LED light source that the control circuit and RGB chip are integrated in a package
of 5050 components. Its internal include intelligent digital port data latch and signal reshaping amplification drive circuit.
Also include a precision internal oscillator and a 12V voltage programmable constant current control part,
which achieves highly consistent color effect.
Dual-signal wires version, signal break-point continuous transmission. Any pixel’s failure won't affect signal transfer
and total emitting effect.
The data transfer protocol use single NZR communication mode. After the pixel power-on reset, the DIN port receive
data from controller, the first pixel collect initial 24bit data then sent to the internal data latch, the other data which
reshaping by the internal signal reshaping amplification circuit sent to the next cascade pixel through the DO port. After
transmission for each pixel, the signal to reduce 24bit. Every pixel adopts auto-reshaping transmit technology, making
the pixel cascade numbers are not limited to the signal transmission, only relate to the speed of signal transmission.
The BIN receives the data signal, and then compare the data with the DIN side after phagocytosis of 24bit data, if DIN
do NOT receive the signal, then switching to BIN for receiving the input signal, which ensure that any the IC's damage
does not affect the signal cascade transmission and make the BIN in state of receiving signal until restart after power-off.
Refresh Frequency updates to
2KHz, Low Frame Frequency and no Flicker appear in HD Video Camera.
RESET time>
280μs, it won’t cause wrong reset while interruption, it supports the lower frequency and inexpensive
MCU.
Integrated circuit chips enable the circuit control simpler, neater and more reliable while NO extra components
needed.
There’s in a choice of 16mA or 5mA current version, and also in a choice of high brightness or cost-effective version.
That is to say, WS2813 is provided with four versions.


Similar Part No. - WS2813

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2813B WORLDSEMI-WS2813B Datasheet
592Kb / 8P
Intelligent control LED integrated light source
Ver. No.: V5
WS2813B-MINI WORLDSEMI-WS2813B-MINI Datasheet
518Kb / 7P
Intelligent control LED integrated light source
WS2813B-MINI WORLDSEMI-WS2813B-MINI Datasheet
592Kb / 8P
Intelligent control LED integrated light source
Ver. No.: V5
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
Intelligent control LED integrated light source
More results

Similar Description - WS2813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
Intelligent control LED integrated light source
WS2812C WORLDSEMI-WS2812C Datasheet
656Kb / 8P
Intelligent control LED integrated light source
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
Intelligent control LED integrated light source
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com