Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 3 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 3 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
3 / 8
http://www.world-semi.com
Electrical Characteristics (TA=-20~+70℃, VDD=4.5~5.5V, VSS=0V)
Switching Characteristics (TA=-20~+70℃, VDD=4.5~5.5V, VSS=0V)
Parameter
Symbol
Min
Tpy
Max
Unit
Condition
Transmission Delay Time
TPLZ
——
——
300
ns
CL=15pF, DIN→DOUT, RL=10KΩ
Fall time
TTHZ
——
——
120
µs
CL=300pF, OUTR/OUTG/OUTB
Input-capacitance
CI
——
——
15
pF
——
LED Characteristics
WS2813A
WS2813B
WS2813C
WS2813D
Quiescent Current
0.7mA
0.7mA
0.3mA
0.3mA
RGB Channel Constant Current
16mA
16mA
5mA
5mA
RED Brightness (Central Value)
480mcd
360mcd
60mcd
100mcd
GREEN Brightness (Central Value)
1500mcd
1150mcd
245mcd
420mcd
BLUE Brightness (Central Value)
320mcd
220mcd
60mcd
110mcd
WHITE Brightness (Central Value)
2300mcd
1710mcd
320-410mcd
630mcd
RED Wavelength
620-625nm
620-625nm
620-625nm
620-625nm
GREEN Wavelength
515-525nm
515-525nm
515-525nm
515-525nm
BLUE Wavelength
465-475nm
465-475nm
465-475nm
465-475nm
Data Transfer Time
T0H
0-code, High-level time
220ns~380ns
T1H
1-code, High-level time
580ns~1.6µs
T0L
0-code, Low-level time
580ns~1.6µs
T1L
1-code, Low-level time
220ns~420ns
RES
Frame unit, Low-level time
> 280µs
Parameter
Symbol
Min.
Tpy.
Max.
Unit
Conditions
Input Current
II
——
——
±
1
µ
A
VI=VDD/VSS
High-level Input
VIH
0.7VDD
——
——
V
DIN, SET
Low-level Input
VIL
——
——
0.3 VDD
V
DIN, SET
Hysteresis voltage
VH
——
0.35
——
V
DIN, SET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com