Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813 Datasheet(PDF) 5 Page - WORLDSEMI CO., LIMITED

Part # WS2813
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2813 Datasheet(HTML) 5 Page - WORLDSEMI CO., LIMITED

  WS2813 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2813 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WS2813
Intelligent control LED
integrated light source
5 / 8
http://www.world-semi.com
2. For complicated wiring & space-saving
Packing Standard
Packing: 1K/Reel: 167*12mm
4.5K/Reel: 327*12mm
The foam protective layer
Guard against damp/ Keep dry
Carrier
tape
Product Label
Anti-static bag



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com