Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 11Page - Texas Instruments TPS1663_19 Datasheet HTML 12Page - Texas Instruments TPS1663_19 Datasheet HTML 13Page - Texas Instruments TPS1663_19 Datasheet HTML 14Page - Texas Instruments TPS1663_19 Datasheet HTML 15Page - Texas Instruments TPS1663_19 Datasheet HTML 16Page - Texas Instruments TPS1663_19 Datasheet HTML 17Page - Texas Instruments TPS1663_19 Datasheet HTML 18Page - Texas Instruments TPS1663_19 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
u
u
D(INRUSH)
(IN)
(INRUSH)
P
0.5 V
I
VIN
VOUT
PGOOD
IIN
15
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
CdVdT = 100 nF
COUT = 1000 µF
RILIM = 4.02 kΩ
Figure 15. Hot Plug In and Inrush Current Control at 24-V Input
9.3.1.1 Thermal Regulation Loop
The average power dissipation within the eFuse during power up with a capacitive load can be calculated using
Equation 3.
(3)
System designs requiring to charge large output capacitors rapidly may result in an operating point that exceeds
the power dissipation versus time boundary limits of the device defined by Figure 13 characteristic curve. This
may result in increase in junction temperature beyond the device's maximum allowed junction temperature. To
keep the junction temperature within the operating range, the thermal regulation control loop regulates the
junction temperature at T(J_REG) , 145°C (typical) by controlling the inrush current profile and thereby limiting the
power dissipation within the device automatically. An internal 1.25 sec (typical), t(Treg_timeout) timer starts from the
instance the thermal regulation operation kicks in. If the output does not power up within this time then the
internal FET is turned OFF. Subsequent operation of the device depends on the MODE configuration (Auto-Retry
or latch OFF) setting as per the Table 1. The maximum time-out of 1.25 sec (typical) in thermal regulation loop
operation ensures that the device and the system board does not heat up during steady fault conditions such as
wake up with output short-circuit. This scheme ensures reliable power up operation.
Thermal regulation control loop is internally enabled during power up by V(IN), UVLO cycling and turn ON using
SHDN contol. Figure 16 illustrates performance of the device operating in thermal regulation loop during power
up by V(IN) with a large output capacitor. The Thermal regulation loop gets disabled internally after the power up
sequence when the internal FET's gate gets fully enhanced or when the t(Treg_timeout) of 1.25 sec (typical) time is
elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com