Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 14Page - Texas Instruments TPS1663_19 Datasheet HTML 15Page - Texas Instruments TPS1663_19 Datasheet HTML 16Page - Texas Instruments TPS1663_19 Datasheet HTML 17Page - Texas Instruments TPS1663_19 Datasheet HTML 18Page - Texas Instruments TPS1663_19 Datasheet HTML 19Page - Texas Instruments TPS1663_19 Datasheet HTML 20Page - Texas Instruments TPS1663_19 Datasheet HTML 21Page - Texas Instruments TPS1663_19 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
VOUT
IIN
IMON
FLTb
VOUT
IIN
IMON
FLTb
18
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
•
R(ILIM) is the current limit resistor in kΩ
(4)
During the overload current limiting if the overload condition exists for more than tCL_PLIM_FLT(dly), 1.3 msec
(typical), the FLT asserts to warn of impending turnoff of the internal FETs due to the subsequent thermal
shutdown event or due to tCL_PLIM(dly) timer expiry. The FLT signal remains asserted until the fault condition is
removed and the device resumes normal operation. Figure 20 and Figure 21 illustrate Overload current limiting
performance.
VIN = 50 V
MODE = GND
RILIM = 18 kΩ
Figure 20. Overload Performance During Load Step from
140 Ω to 40 Ω
VIN = 50 V
MODE = GND
RILIM = 18 kΩ
Figure 21. Coming Out of Overload with Load Step from
40 Ω to 140 Ω
The TPS1663x devices feature ILIM pin short and open fault detection and protection. The internal FET is turned
OFF when ILIM pin is detected short or open to GND and it remains OFF till the ILIM pin fault is removed.
9.3.4.2 Short Circuit Protection
During a transient output short circuit event, the current through the device increases rapidly. As the current-limit
amplifier cannot respond quickly to this event due to its limited bandwidth, the device incorporates a fast-trip
comparator. The fast-trip comparator architecture is designed for fast turn OFF tFASTTRIP(dly) = 1 µs (typical) with
I(SCP) = 45 A of the internal FET during an output short circuit event. The fast-trip threshold is internally set to
I(FASTTRIP). The fasttrip circuit holds the internal FET off for only a few microseconds, after which the device turns
back on slowly, allowing the current-limit loop to regulate the output current to I(OL). Then the device functions
similar to the overload condition. Figure 22 illustrates output hot-short performance of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com