Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 15Page - Texas Instruments TPS1663_19 Datasheet HTML 16Page - Texas Instruments TPS1663_19 Datasheet HTML 17Page - Texas Instruments TPS1663_19 Datasheet HTML 18Page - Texas Instruments TPS1663_19 Datasheet HTML 19Page - Texas Instruments TPS1663_19 Datasheet HTML 20Page - Texas Instruments TPS1663_19 Datasheet HTML 21Page - Texas Instruments TPS1663_19 Datasheet HTML 22Page - Texas Instruments TPS1663_19 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
VOUT
IIN
IMON
FLTb
19
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
VIN = 50 V
RILIM = 18 kΩ
Figure 22. Output Hot-Short Response
The fast-trip comparator architecture has a supply line noise immunity resulting in a robust performance in noisy
environments. This is achieved by controlling the turn OFF time of the internal FET based on the overcurrent
level, I(FASTTRIP) through the device. Higher the overcurrent, faster the turn OFF time, tFASTTRIP(dly). At Overload
current level in the range of IFASTTRIP < IOUT < ISCP the fast-trip comparator response is 3.2 µs (typical).
9.3.4.2.1
Start-Up With Short-Circuit On Output
When the device is started with short-circuit on the output, the current begins to limit at I(OL). Due to high power
dissipation of VIN x I(OL) within the device the junction temperature increases. Subsequently, the thermal
regulation control loop limits the load current to regulate the junction temperature at T(J_REG) , 145°C (typical) for a
duration of t(Treg_timeout), 1.25 sec (typical). Subsequent operation of the device depends on the MODE
configuration (Auto-Retry or latch OFF) setting as per the Table 1. FLT gets asserted after t(Treg_timeout) and and
remains asserted till the output short-circuit is removed. Figure 23 illustrates the behavior of the device in this
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com