Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 7Page - Texas Instruments TPS1663_19 Datasheet HTML 8Page - Texas Instruments TPS1663_19 Datasheet HTML 9Page - Texas Instruments TPS1663_19 Datasheet HTML 10Page - Texas Instruments TPS1663_19 Datasheet HTML 11Page - Texas Instruments TPS1663_19 Datasheet HTML 12Page - Texas Instruments TPS1663_19 Datasheet HTML 13Page - Texas Instruments TPS1663_19 Datasheet HTML 14Page - Texas Instruments TPS1663_19 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
UVLO_tON(dly)
time
V(UVLOR)+0.1V
0.1 V
VUVLO
V(OUT)
0
time
10%
VUVLO
0
V(UVLOF)-0.02 V
UVLO_toff(dly)
FLT
OVP_tOFF(dly)
time
10%
V(OVPR)+0.02V
V(OVP)
0
FLT
time
I(OUT)
0
I(OL)
I(FASTRIP)
tFASTRIP(dly)
0.1 V
VOVP
V(OUT)
0
V(OVPF)-0.02 V
time
OVP_tON(dly)
time
V(OUT)
0
tCL_PLIM(dly)
I(OUT)
tCL_PLIM(dly)
P(OUT)
P(PLIM)
11
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 14. Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com