Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 17Page - Texas Instruments TPS1663_19 Datasheet HTML 18Page - Texas Instruments TPS1663_19 Datasheet HTML 19Page - Texas Instruments TPS1663_19 Datasheet HTML 20Page - Texas Instruments TPS1663_19 Datasheet HTML 21Page - Texas Instruments TPS1663_19 Datasheet HTML 22Page - Texas Instruments TPS1663_19 Datasheet HTML 23Page - Texas Instruments TPS1663_19 Datasheet HTML 24Page - Texas Instruments TPS1663_19 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
>
@
IMON
OUT
IMON
IMON
V
I
GAIN
R
u
u
TPS16632
31
PŸ
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
PLIM
MODE
IMON
RIMON
PGOOD
Protected supply
To Load
4.5 V - 60 V
Load Monitor
ON/OFF Control
R2
RPLIM
R1
COUT
CdVdT
21
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 24. TPS16632 Typical Application Schematic
(1)
RPLIM = 100 kΩ
RILIM = 3 kΩ
Figure 25. 100 W class 2, Output Power Limiting Response of TPS16632
9.3.6 Current Monitoring Output (IMON)
The TPS1663x devices feature an accurate analog current monitoring output. A current source at IMON terminal
is internally configured to be proportional to the current flowing from IN to OUT. This current can be converted
into a voltage using a resistor R(IMON) from IMON terminal to GND terminal. The IMON voltage can be used as a
means of monitoring current flow through the system. The maximum voltage (V(IMONmax) for monitoring the
current is limited to 4 V. This puts a limitation on maximum value of R(IMON) resistor and is determined by
Equation 6.
Where,
•
GAIN(IMON) is the gain factor I(IMON):I(OUT) = 27.9μA/A (Typical)
•
I(OUT) is the load current
(6)
Refer to Figure 9 for IMON output versus load current plot. Figure 26 illustrates IMON performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com