Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS1663_19 Datasheet HTML 12Page - Texas Instruments TPS1663_19 Datasheet HTML 13Page - Texas Instruments TPS1663_19 Datasheet HTML 14Page - Texas Instruments TPS1663_19 Datasheet HTML 15Page - Texas Instruments TPS1663_19 Datasheet HTML 16Page - Texas Instruments TPS1663_19 Datasheet HTML 17Page - Texas Instruments TPS1663_19 Datasheet HTML 18Page - Texas Instruments TPS1663_19 Datasheet HTML 19Page - Texas Instruments TPS1663_19 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
R1
R2
R3
IN
UVLO
OVP
V(IN)
+
UVLOb
+
OVP
1.2 V
1.12 V
1.2 V
1.12 V
GND
P_IN
VIN
VOUT
PGOOD
IIN
16
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
CdVdT = Open
COUT = 15 mF
RILIM = 4.02 kΩ
Figure 16. Thermal Regulation Loop Response During Power up with Large Capacitive Load
9.3.2 Undervoltage Lockout (UVLO)
The TPS1663x devices feature an accurate ± 2% adjustable undervoltage lockout functionality. When the voltage
at UVLO pin falls below V(UVLOF) during input undervoltage fault, the internal FET quickly turns off and FLT is
asserted. The UVLO comparator has a hysteresis of 78 mV (typical). To set the input UVLO threshold, connect a
resistor divider network from IN supply to UVLO terminal to GND as shown in Figure 17. If the Under-Voltage
Lock-Out function is not needed, the UVLO terminal must be connected to the IN terminal. UVLO terminal must
not be left floating.
Figure 17. UVLO and OVP Thresholds Set by R1 , R2 and R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com