Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 13Page - Texas Instruments TPS1663 Datasheet HTML 14Page - Texas Instruments TPS1663 Datasheet HTML 15Page - Texas Instruments TPS1663 Datasheet HTML 16Page - Texas Instruments TPS1663 Datasheet HTML 17Page - Texas Instruments TPS1663 Datasheet HTML 18Page - Texas Instruments TPS1663 Datasheet HTML 19Page - Texas Instruments TPS1663 Datasheet HTML 20Page - Texas Instruments TPS1663 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
OL
ILIM
18
I
R
VIN
FLTb
IIN
VOUT
VIN
VOUT
FLTb
17
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.3 Overvoltage Protection (OVP)
The TPS1663x incorporate circuitry to protect the system during overvoltage conditions. The TPS16630 features
an accurate ± 2% adjustable over voltage cut off functionality. A voltage more than V(OVPR) on OVP pin turns off
the internal FET and protects the downstream load. To program the OVP threshold externally, connect a resistor
divider from IN supply to OVP terminal to GND as shown in Figure 17. The TPS16632 features an internally fixed
39 V maximum overvoltage clamp V(OVC) functionality. The TPS16632 clamps the output voltage to V(OVC), when
the input voltage exceeds 40 V. During the output voltage clamp operation, the power dissipation in the internal
MOSFET is PD = (V(IN) – V(OVC)) × I(OUT). Excess power dissipation for a prolonged period can increase the
device temperature. To avoid this, the internal FET is operated in overvoltage clamp for a maximum duration of
tOVC(dly), 162 msec (typical). After this duration, the internal FET is turned OFF and the subsequent operation of
the device depends on the MODE configuration (Auto-Retry or latch OFF) setting as per the Table 1.
Figure 18 illustrates the overvoltage cut-off functionality and Figure 19 illustrates the overvoltage clamp
functionality. FLT is asserted after a delay of 617 µs (typical) after entering in overvoltage clamp mode and
remains asserted until the overvoltage fault is removed.
TPS16630
OVP Setting at 33 V
Figure 18. Overvoltage Cut-off Response at 33-V Level
TPS16632
COUT = 10 µF, FLT
connected to VOUT
RLOAD = 30 Ω
Figure 19. Overvoltage Clamp Response
9.3.4 Overload and Short Circuit Protection
The device monitors the load current by sensing the voltage across the internal sense resistor. The FET current
is monitored during start-up and normal operation.
9.3.4.1 Overload Protection
The TPS1663x devices feature accurate overload current limiting and fast short circuit protection feature. If the
load current exceeds the programmed current limit IOL, the device regulates the current through it at IOL
eventually reducing the output voltage. The power dissipation across the device during this operation will be
(VIN–VOUT) x IOL and this could heat up the device and eventually enter into thermal shutdown. The maximum
duration for the over current through the FET is tCL_PLIM(dly), 162 msec (typical). If the thermal shutdown occurs
before this time the internal FET turns OFF and the device operates either in auto-retry or latch off mode based
on MODE pin configuration in Table 1. Set the current limit using Equation 4
where
I(OL) is the overload current limit in Ampere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com