Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 6Page - Texas Instruments TPS1663 Datasheet HTML 7Page - Texas Instruments TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments TPS1663 Datasheet HTML 10Page - Texas Instruments TPS1663 Datasheet HTML 11Page - Texas Instruments TPS1663 Datasheet HTML 12Page - Texas Instruments TPS1663 Datasheet HTML 13Page - Texas Instruments TPS1663 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Power Dissipation (W)
3
4 5 6 7 8 10
20
30 40 50 70 100
200 300400
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
3000
D040
TA = -40qC
TA = 0qC
TA = 25qC
TA = 85qC
TA = 125qC
Temperature (qC)
-50
0
50
100
150
140
150
160
170
180
190
D029
Temperature (qC)
-50
0
50
100
150
9
10
11
12
13
D031
tPGOODR
tPGOODF
Output Current (A)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
6.6
0
20
40
60
80
100
120
140
160
D021
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
D033
10
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = V(P_IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1 μF,
C(dVdT) = OPEN. (Unless stated otherwise)
Figure 9. Current Monitor Output vs Output Current
Figure 10. IMON Gain Accuracy at Low Output Current
Levels
Figure 11. Maximum Duration in Current and Power Limiting
vs Temperature
Figure 12. PGOOD Rising and Falling Delay vs Temperature
Taken on VQFN device on EVM Board
Figure 13. Thermal Shutdown Time vs Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com