Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments TPS1663 Datasheet HTML 10Page - Texas Instruments TPS1663 Datasheet HTML 11Page - Texas Instruments TPS1663 Datasheet HTML 12Page - Texas Instruments TPS1663 Datasheet HTML 13Page - Texas Instruments TPS1663 Datasheet HTML 14Page - Texas Instruments TPS1663 Datasheet HTML 15Page - Texas Instruments TPS1663 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
12
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS1663x is a family of 60-V industrial eFuses. It provides robust protection for all systems and applications
powered from 4.5 V to 60 V. For hot-pluggable boards, the device provides hot-swap power management with in-
rush current control and programmable output voltage slew rate features using the dVdT pin. Load, source and
device protections are provided with many programmable features including overcurrent, overvoltage and
undervoltage. The 60-V maximum DC operating and 62-V absolute maximum voltage rating enables system
protection from 60-V DC input supply faults from industrial SELV power supplies. The precision overcurrent limit
(±7% at 6 A) helps to minimize over design of the input power supply, while the fast response short circuit
protection 1µs (typical) immediately isolates the faulty load from the input supply when a short circuit is detected.
The TPS16632 device integrate adjustable output power limiting (PLIM) functionality that simplifies the system
design requiring compliance in accordance to standards like IEC61010-1 and UL1310.
The device provides precise monitoring of voltage bus for brown-out and overvoltage conditions and asserts fault
signal for the downstream system. Its overall threshold accuracy of 2% ensures tight supervision of bus,
eliminating the need for a separate supply voltage supervisor chip.
Additional features of the TPS1663x include:
•
±6% current monitor output (IMON) for health monitoring of the system
•
A choice of latch off or automatic restart mode response during current limit, Power Limit and thermal fault
using MODE pin
•
PGOOD indicator output
•
Over temperature protection to safely shutdown in the event of an overcurrent event
•
De-glitched fault reporting for supply brown-out and overvoltage faults
•
Enable/Disable control from an MCU using SHDN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com