Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 5Page - Texas Instruments TPS1663 Datasheet HTML 6Page - Texas Instruments TPS1663 Datasheet HTML 7Page - Texas Instruments TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments TPS1663 Datasheet HTML 10Page - Texas Instruments TPS1663 Datasheet HTML 11Page - Texas Instruments TPS1663 Datasheet HTML 12Page - Texas Instruments TPS1663 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
PLIM (W)
60
80
100
120
140
160
7.5
9
10.5
12
13.5
15
D042
Supply Voltage (V)
0
10
20
30
40
50
60
1
0
2
25
3
50
4
75
5
100
6
125
7
150
D052
CURRENT LIMIT
POWER LIMIT
Temperature (qC)
-50
0
50
100
150
0
2.5
5
7.5
10
D020
R(ILIM) = 9 k:
R(ILIM) = 4.02 k:
R(ILIM) = 3 k:
Temperature (qC)
-50
0
50
100
150
0.5
0.75
1
1.25
D025
R(ILIM) = 30 k:
R(ILIM) = 18 k:
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
6
9
12
15
18
21
24
27
30
33
36
39
42
45
48
D023
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
200
400
600
800
1000
1200
1400
1600
D026
TA = -40 qC
TA = 25 qC
TA = 85 qC
TA = 125 qC
9
TPS1663
www.ti.com
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = V(P_IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1 μF,
C(dVdT) = OPEN. (Unless stated otherwise)
Figure 3. Input Supply Current vs Supply Voltage in
Shutdown
Figure 4. Input Supply Current vs Supply Voltage During
Normal Operation
Figure 5. Overload Current Limit vs Temperature
Figure 6. Overload Current Limit vs Temperature
Figure 7. Output Power Limiting Accuracy vs PLIM
TPS16632
R(PLIM) = 100 kΩ
R(ILIM) = 3 kΩ
Figure 8. Power Limit, Current Limit vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com