Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS1663 Datasheet HTML 16Page - Texas Instruments TPS1663 Datasheet HTML 17Page - Texas Instruments TPS1663 Datasheet HTML 18Page - Texas Instruments TPS1663 Datasheet HTML 19Page - Texas Instruments TPS1663 Datasheet HTML 20Page - Texas Instruments TPS1663 Datasheet HTML 21Page - Texas Instruments TPS1663 Datasheet HTML 22Page - Texas Instruments TPS1663 Datasheet HTML 23Page - Texas Instruments TPS1663 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
VIN
FLTb
IIN
20
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Feature Description (continued)
(1)
VIN = 24 V
RILIM = 3 kΩ
Figure 23. Start-Up With Short on Output
9.3.5 Output Power Limiting, PLIM (TPS16632 Only)
In TPS16630, with a fixed overcurrent limit threshold the maximum output power limit increases linearly with
supply input. Electrical Industrial process control equipment such as PLC CPU needs to comply with standards
like IEC61010-1 and UL1310 for fire safety which require limited energy and power circuits. Limiting the output
power becomes a challenge in such high power applications where the operating supply voltage range is wide.
The TPS16632 integrate adjustable output power limiting functionality that simplifies the system design requiring
compliance in accordance to this standard.
Connect a resistor from PLIM to GND as shown in Figure 24 to set the output power limiting value. If output
power limiting is not required then connect PLIM to GND directly. This disables the PLIM functionality.
During an over power load event the TPS16632 limits the output power at the programmed value set by PLIM
resistor. This indirectly results in the device operation in current limiting mode with steady state output voltage
and current set by the load characteristics and PLIM = VOUT × IOUT. Figure 8 shows the output power limit and
current limit characteristics of TPS16632 with 100 W power limit setting. The maximum duration for the device in
power limiting mode is 162 msec (typical), tCL_PLIM(dly). After this time, the device operates either in auto-retry or
latch off mode based on MODE pin configuration in Table 1.
P(PLIM) = 1 x R(PLIM)
(5)
Here P(PLIM) is output power limit in watts, R(PLIM) is the power limit setting resistor in kΩ.
During the output power limiting operation, FLT asserts after a delay of tCL_PLIM_FLT(dly). The FLT signal
remains asserted until the over power load condition is removed and the device resumes normal operation.
Figure 25 illustrate output power limiting performance of TPS16632 with 100 W setting for class-2 power supply
designs .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com