Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS1663 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1663
Description  60-V, 6-A eFuse with adjustable output power limiting
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1663 Datasheet(HTML) 1 Page - Texas Instruments

  TPS1663 Datasheet HTML 1Page - Texas Instruments TPS1663 Datasheet HTML 2Page - Texas Instruments TPS1663 Datasheet HTML 3Page - Texas Instruments TPS1663 Datasheet HTML 4Page - Texas Instruments TPS1663 Datasheet HTML 5Page - Texas Instruments TPS1663 Datasheet HTML 6Page - Texas Instruments TPS1663 Datasheet HTML 7Page - Texas Instruments TPS1663 Datasheet HTML 8Page - Texas Instruments TPS1663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TPS16632
31
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
PLIM
MODE
IMON
RIMON
PGOOD
Protected supply
To Load
4.5 V - 60 V
Load Monitor
ON/OFF Control
R2
RPLIM
R1
COUT
CdVdT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS1663
SLVSET9C – SEPTEMBER 2018 – REVISED MARCH 2019
TPS1663x 60-V, 6-A eFuse with adjustable output power limiting
1
1 Features
1
4.5-V to 60-V Operating voltage,
62-V absolute maximum
Integrated 60-V, 31-mΩ RON Hot-Swap FET
0.6-A to 6-A Adjustable current limit (± 7%)
Low Quiescent current, 21-µA in shutdown
Adjustable output power limiting (TPS16632 only)
(± 10%)
Adjustable UVLO and OVP cut off with ± 2%
accuracy
Fixed 39-V maximum overvoltage clamp
(TPS16632 only)
Adjustable output slew rate control for inrush
current limiting
Charges large and unknown capacitive loads
through thermal regulation during device
power up
Power Good Output (PGOOD)
Selectable overcurrent fault response options
between Auto-Retry and Latch Off (MODE)
Analog current monitor (IMON) output (± 6%)
UL 2367 and UL 60950 recognition pending
Available in easy-to-use 24- Pin VQFN package
2 Applications
Factory automation and control – PLC, DCS, HMI,
I/O modules, sensor hubs
Motor drives – CNC, encoder supply
Electronic circuit breakers
Telecom radios
Industrial printers
3 Description
The TPS1663x is an easy to use, positive 60 V, 6-A
eFuse with a 31-mΩ integrated FET. Protection for
the load, source and eFuse itself are provided along
with adjustable features such as accurate overcurrent
protection, fast short circuit protection, output slew
rate control, overvoltage protection and undervoltage
lockout. The TPS16332 device integrates adjustable
output
power
limiting
(PLIM)
functionality
that
simplifies and enables compliance to standards such
as
IEC61010-1
and
UL1310.
The
device
also
includes adjustable overcurrent functionality. PGOOD
can be used for enable and disable control of the
downstream DC-DC converters.
A shutdown pin provides external control for enabling
and disabling the internal FET as well as placing the
device in a low current shutdown mode. For system
status monitoring and downstream load control, the
device provides fault and a precise current monitor
output. The MODE pin allows flexibility to configure
the device between the two current-limiting fault
responses (latch off and auto-retry).
The devices are available in a 4-mm × 4-mm 24-pin
VQFN package and are specified over a –40°C to
+125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS16630
TPS16632
VQFN (24)
4.00 mm × 4.00 mm
TPS16630
HTSSOP (20)*
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) * Preview
Simplified Schematic
Output Power Limiting Performance of TPS16632


Similar Part No. - TPS1663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS1663 TI1-TPS1663 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS1663 TI1-TPS1663 Datasheet
4Mb / 46P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
FEBRUARY 2023
TPS1663 TI2-TPS1663 Datasheet
4Mb / 46P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
REVISED FEBRUARY 2023
More results

Similar Description - TPS1663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS1663 TI1-TPS1663_V01 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V02 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V03 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V04 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V06 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V08 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com