Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 31 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 31 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 33Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 34Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
31
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
5.4
ADC Characteristics
Parameter
Min.
Typ.
Max.
Unit
SAR ADC Input Voltage Range
3.0
-
3.6
V
Resolution of ADC
-
-
10
bit
Signal-to-Noise Plus Distortion of ADC
from Line In
-
TBD
-
dB
Integral Non-Linearity of ADC
-
±2.0
-
LSB
Differential Non-Linearity of ADC
-
±0.8
-
LSB
No Missing Code
-
10
-
bit
AD Conversion Rate=ADCCLK/16
-
-
400
KHz
5.5
AC Characteristics (Digital Interface)
5.5.1 Clock Input Characteristics
XIN
TXIN
TXINWL
TXINWH
FXIN = 1 / TXIN
XINDUTY = TXINWH / ( TXINWH + TXINWL )
Symbol
Parameter
Min.
Typ.
Max.
Unit
FXIN
Clock Input Frequency
-
12 / 27
-
MHz
XINDUTY
Clock Input Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com