Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
9
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Audio DAC
16-bit stereo DAC supported with headphone driver output
H/W volume control supported
I2S Controller
I2S interface supported to connect external audio codec
16/18/20/24-bit data format supported
Storage Interface Controller
Interface to NAND Flash:
8-bit data bus width supported
SLC and MLC type NAND Flash supported
512B, 2KB, 4KB, and 8KB page size NAND Flash supported
ECC4, ECC8, ECC12 and ECC15 algorithm supported for ECC generation, error
detection and error correction
PBA-NAND flash supported
Interface to SD/MMC/SDIO/SDHC/micro-SD cards supported
SD-to-NAND flash bridge supported
DMA function supported to accelerate the data transfer between system memory and
NAND Flash or SD/MMC/SDIO/SDHC/micro-SD
USB Device Controller
USB2.0 HS (High-Speed) x 1 port
6 configurable endpoints supported
Control, Bulk, Interrupt and Isochronous transfers supported
Suspend and remote wakeup supported
USB Host Controller
USB1.1 Host one H/W Engine, two pin locations.
Fully compliant with USB Revision 1.1 specification
Open Host Controller Interface (OHCI) Revision 1.0 compatible
Full-speed (12Mbps) and low-speed (1.5Mbps) USB devices supported
Control, Bulk, Interrupt and Isochronous transfers supported
Timer & Watch-Dog Timer
Two 32-bit with 8-bit pre-scalar timers supported
One programmable 24-bit Watch-Dog Timer supported
PWM
4 PWM channel outputs supported
16-bit counter supported for each PWM channel
Two 8-bit pre-scalars supported and each pre-scalar shared by two PWM channels
Two clock-dividers supported and each divider shared by two PWM channels
Two Dead-Zone generators supported and each generator shared by two PWM channels
Auto reloaded mode and one-shot pulse mode supported
Capture function supported
UART
A high speed UART supported:
Baud rate is up to 1M bps
4 signals TX, RX, CTS and RTS supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com