Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
8
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
VPOST
8/16/18/24-bit SYNC type and 8/9/16/18/24-bit MPU type TFT LCD supported
Color format supported:
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data in
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data out
XGA (1024x768), SVGA (800x600), WVGA (800x480), D1 (720X480), VGA (640x480),
WQVGA (480x272), QVGA (320x240) and HVGA (640x240) resolution supported
The maximum resolution is up to D1 (720X480) for TV output
The maximum resolution is up to 1024X768 for TFT LCD panel for still image
displaying
The maximum resolution is up to 480x272 for TFT LCD panel for MJPEG video
displaying up to 25fps.
Display scaler – to fit different size of LCD panels
Horizontal: At most 4.0x scale
Vertical: At most 3.0x scale
For SYNC type LCD:
For 8-bit bus
CCIR601 YCbCr422 packet mode (NTSC/PAL) supported
CCIR601 RGB Dummy mode (NTSC/PAL) supported
CCIR656 interface supported
RGB Through mode supported
For 16/18/24-bit bus
Parallel pixel data output mode (1-pixel/1-clock)
NTSC/PAL interlace & non-interlace output supported
Color format transform supported:
Color format transform between YCbCr422 and RGB565
Color format transform from YCbCr422 to RGB888
TV encoder supported
Dual screen, outputs to TV and LCD simultaneously with same content, supported
LCD panel should be 320X240 MPU-type, or 8-bit SYNC-type LCD panel with TV
timing
Notch filter for NTSC supported to remove the rainbow color effect
Support OSD function to overlap system information like battery life, brightness tuning,
volume tuning or muting, etc.
Frame Switch Controller
Frame relation controlled between VPOST and Capture supported
2 modes supported to switch Frame Buffer Base
Frame Ratio Mode (16 selectable ratio)
Frame sync mode
Double/triple buffers supported
SPU (Sound Processing Unit)
32 stereo channels supported
PCM8/PCM16/4-bit MDPCM/TONE source format supported
7-bit volume control supported for each of 32 channels
5-bit pan control supported for each L/R of 32 channels
10-band equalizer supported
Special code supported for loop playing and event detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com