Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
13
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
3.2
N32901U2DN (LQFP-128)
ADAC_HPOUT_L
_
ADAC_HPVDD33
ADAC_HPVSS33
MVDDQ (3.3V)
MVSSQ
MVDDQ (3.3V)
MVSSQ
NC
MVSS
VDD18
UD_CDET
TRST_
RST_
VDD33
RTC_VDD
RTC_RPWR
RTC_RWAKE_
RTC_XIN
RTC_XOUT
ADC_AIN[3]
/ HUR_RTS / SPI0_CS1_/ GPD[4]
TDO
/ HUR_CTS / PWM3
/
TDI
/ HUR_RXD / PWM2
/
TMS
/ HUR_TXD / PWM1
/
TCK
/ SPI1_CS1_/ PWM0
/
SPCLK
SCLKO
ISDA
ISCK
SPI0_DO
SPI0_DI
SPI0_CLK
SDDAT[0]
SDDAT[1]
SDDAT[2]
SDDAT[3]
SDCLK
SDCMD
XIN
XOUT
MVSSQ
MVDDQ(3.3V)
MVSSQ
MVDDQ(3.3V)
MVDD(3.3V)
VDD18
UD_VDD18
UD_VSS
UD_DM
UD_DP
UD_VDD33
UD_REXT
VSS
LVDATA[17]
/ SD_CD_
/ LMVSYNC
/ UHL_DP1
/
/ SPI0_CS1_
/
UHL_DM1 /
SDDAT1[0]/
GPB[1] /
UHL_DP1 /
SDDAT1[1] /
GPB[0] /
LMVSYNC /
GPB[14] /
WDT_RST_ /
GPB[13] /
/
GPD[12]
/
/
GPE[7] /
GPE[4] /
GPE[5] /
GPE[6] /
GPE[3] /
GPE[2] /
GPE[1] SVSYNC /
1
10
20
30
70
80
90
NC
MVDD
MVSS
GPD[3]
GPD[2]
GPD[1]
GPD[0]
GPA[0]
GPA[1]
GPA[2]
GPA[3]
UHL_DM1
GPA[4]
GPA[5]
GPA[6] SPI1_CS1_
/
SPI0_CS0_
/
GPD[14]
GPD[13]
GPD[15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com