Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
20
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
NAND Interface
NCS0_
IOU
NAND Interface Chip Select 0, Output, Low
Active
●
●
●
●
●
SDDAT2[1]
SD Port 2 Data Bit 1
GPE[8]
GPIO Port E Bit 8
NCS1_
IOU
NAND Interface Chip Select 1, Output, Low
Active
●
●
●
●
●
SDDAT2[0]
SD Port 2 Data Bit 0
GPE[9]
GPIO Port E Bit 9
NALE
IOU
NAND
Interface
Address-Latch-Enable,
Output, High Active
●
●
●
●
●
GPE[10]
GPIO Port E Bit 10
NCLE
IOU
NAND Interface Command-Latch-Enable,
Output, High Active
●
●
●
●
●
GPE[11]
GPIO Port E Bit 11
NBUSY0_
IOU
NAND Interface Busy 0, Input, Low Active
●
●
●
●
●
SDDAT2[3]
SD Port 2 Data Bit 3
GPD[5]
GPIO Port D Bit 5
NBUSY1_
IOU
NAND Interface Busy 1, Input, Low Active
●
●
●
●
●
SDDAT2[2]
SD Port 2 Data Bit 2
GPD[6]
GPIO Port D Bit 6
NRE_
IOU
NAND Interface Read Enable, Output, Low
Active
●
●
●
●
●
SDCLK2
SD Port 2 Clock, Output
GPD[7]
GPIO Port D Bit 7
NWR_
IOU
NAND Interface Write Enable, Output, Low
Active
●
●
●
●
●
SDCMD2
SD Port 2 Command/Response
GPD[8]
GPIO Port D Bit 8
ND[7:0]
IOU
NAND Interface Data Bit [7:0]
●
●
●
●
●
CHIPCFG[7:0]
Chip Power-On Configuration Bit [7:0],
Input
Sensor/Video-In Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com