Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 26 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 26 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
26
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
Active
KPI_SO[4]
KPI Scan Out Bit 4
GPA[7]
IOU
GPIO Port A Bit 7
●
●
●
●
●
●
●
KPI_SO[5]
KPI Scan Out Bit 5
RTC (Real Time Clock)
RTC_XIN
(32768Hz)
I
32768Hz Crystal Input
●
●
●
●
●
RTC_XOUT
(32768Hz)
O
32768Hz Crystal Output
●
●
●
●
●
RTC_RWAKE_
I
Wakeup Enable, Input, Low Active
●
●
●
●
●
RTC_RPWR
OD
Power Enable, Open-Drain
●
●
●
●
●
USB 2.0 Device Interface
UD_CDET
I
USB Device Connect Detect, Input, High
Active
●
●
●
●
●
●
●
UD_DP
IO
USB 2.0 Device D+
●
●
●
●
●
●
●
UD_DM
IO
USB 2.0 Device D-
●
●
●
●
●
●
●
UD_REXT
IO
External Resistor Connect
Recommend to connect 12.1KΩ resistor to
ground for USB 2.0 PHY
●
●
●
●
●
●
●
TV Out
TVDAC_TVOUT
O
Composite/Chroma Output
Connect an external 75Ω resistor to ground
of TVDAC as TV terminal impedence
●
●
TVDAC_REXT
IO
External Resistor Connection
Recommend to connect 160Ω resistor to
ground of TVDAC
●
●
TVDAC_COMP
O
External Capacitor Connection
Connect 0.1uF capacitor to VDD33 of TVDAC
●
●
TVDAC_VREF
O
Reference Voltage Output
Connect 0.1uF capacitor to ground of
TVDAC
●
●
ADC & Touch Panel
ADC_AIN[3]
I
ADC Analog Input Channel 3
●
●
●
●
●
ADC_AIN[2]
I
ADC Analog Input Channel 2
●
●
●
●
●
●
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com