Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5553IPFP Datasheet HTML 1Page - Texas Instruments ADS5553IPFP Datasheet HTML 2Page - Texas Instruments ADS5553IPFP Datasheet HTML 3Page - Texas Instruments ADS5553IPFP Datasheet HTML 4Page - Texas Instruments ADS5553IPFP Datasheet HTML 5Page - Texas Instruments ADS5553IPFP Datasheet HTML 6Page - Texas Instruments ADS5553IPFP Datasheet HTML 7Page - Texas Instruments ADS5553IPFP Datasheet HTML 8Page - Texas Instruments ADS5553IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −40°C to TMAX = 85°C, sampling rate = 65 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, −1-dBFS differential input, 3-VPP differential clock, and internal reference, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
Total supply current, ICC
VIN = full-scale, fIN = 70 MHz
270
288
mA
Analog supply current, IAVDD
VIN = full-scale, fIN = 70 MHz
220
230
mA
Output buffer supply current, IDRVDD
VIN = full-scale, fIN = 70 MHz, with
10 pF load on digital outputs to ground
50
58
mA
Analog only, fIN = 70 MHz
725
760
Power dissipation
Digital power with 10-pF load on digital
outputs to ground, fIN = 70 MHz
165
190
mW
Power dissipation with external reference
Total power with 10-pF load on digital
outputs to ground, fIN = 70 MHz
780
820
mW
Standby power
With clocks running (both channels
off and outputs disabled)
220
250
mW
DIGITAL CHARACTERISTICS
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −40°C to TMAX = 85°C, and AVDD = DRVDD = 3.3 V, unless otherwise
noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input capacitance
4
pF
Digital Outputs(1)
Low-level output voltage
CLOAD = 10 pF(2)
0.3
0.4
V
High-level output voltage
CLOAD = 10 pF(2)
2.8
3
V
Output capacitance
3
pF
(1) For optimal performance, all digital output lines (D0:D13), including the output clock, should see a similar load.
(2) Equivalent capacitance to ground of (load + parasitics of transmission lines).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com