Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 10Page - Texas Instruments ADS5553IPFP Datasheet HTML 11Page - Texas Instruments ADS5553IPFP Datasheet HTML 12Page - Texas Instruments ADS5553IPFP Datasheet HTML 13Page - Texas Instruments ADS5553IPFP Datasheet HTML 14Page - Texas Instruments ADS5553IPFP Datasheet HTML 15Page - Texas Instruments ADS5553IPFP Datasheet HTML 16Page - Texas Instruments ADS5553IPFP Datasheet HTML 17Page - Texas Instruments ADS5553IPFP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
14
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 65 MSPS, unless otherwise
noted
Figure 20
Differential Clock Amplitude − V
60
65
70
75
80
85
90
0
1234
5
fIN = 46 MHz
AC PERFORMANCE
vs
DIFFERENTIAL CLOCK AMPLITUDE
SFDR Diff (dBc)
SNR SE (dBFS)
SNR Diff (dBFS)
SFDR SE (dBc)
Figure 21
Duty Cycle − %
80
81
82
83
84
85
86
87
88
89
90
30
35
40
45
50
55
60
65
70
AC PERFORMANCE
vs
DUTY CYCLE
fIN = 20 MHz
Figure 22
AVDD − Analog Supply Voltage − V
70
72
74
76
78
80
82
84
86
88
90
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 46 MHz
AC PERFORMANCE
vs
ANALOG SUPPLY VOLTAGE
SNR (dBFS)
SFDR (dBc)
Figure 23
DRVDD − Digital Supply Voltage − V
70
72
74
76
78
80
82
84
86
88
90
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 46 MHz
AC PERFORMANCE
vs
DIGITAL SUPPLY VOLTAGE
SNR (dBFS)
SFDR (dBc)
Figure 24
AVDD − Analog Supply Voltage − V
70
72
74
76
78
80
82
84
86
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 150 MHz
AC PERFORMANCE
vs
ANALOG SUPPLY VOLTAGE
SNR (dBFS)
SFDR (dBc)
Figure 25
DRVDD − Digital Supply Voltage − V
70
72
74
76
78
80
82
84
86
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 150 MHz
AC PERFORMANCE
vs
DIGITAL SUPPLY VOLTAGE
SNR (dBFS)
SFDR (dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com