Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 8Page - Texas Instruments ADS5553IPFP Datasheet HTML 9Page - Texas Instruments ADS5553IPFP Datasheet HTML 10Page - Texas Instruments ADS5553IPFP Datasheet HTML 11Page - Texas Instruments ADS5553IPFP Datasheet HTML 12Page - Texas Instruments ADS5553IPFP Datasheet HTML 13Page - Texas Instruments ADS5553IPFP Datasheet HTML 14Page - Texas Instruments ADS5553IPFP Datasheet HTML 15Page - Texas Instruments ADS5553IPFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
12
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 65 MSPS, unless otherwise
noted
Figure 8
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 225 MHz
SNR = 71.8 dBFS
SINAD = 70.2 dBFS
SFDR = 76.9 dBc
THD = 74 dBc
Figure 9
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 300 MHz
SNR = 69.7 dBFS
SINAD = 67.8 dBFS
SFDR = 71.9 dBc
THD = 71.4 dBc
Figure 10
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN 1 = 10 MHz, −7 dBFS
fIN 2 = 15 MHz, −7 dBFS
IMD3 = −100 dBFS
SFDR = 83 dBc
2
F
1
−
F
2
F
1
−
F
2
F
1
F
2
2
F
1
+
2
F
2
2
F
2
+
F
1
3
F
2
2
F
2
+
F
1
F
1
+
F
2
2
F
1
+
F
2
3
F
1
Figure 11
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN 1 = 48 MHz, −7 dBFS
fIN 2 = 53 MHz, −7 dBFS
IMD3 = −91 dBFS
SFDR = 84 dBc
2
F
2
−
F
1
F
1
−
F
2
F
1
F
2
2
F
1
−
F
2
2
F
1
+
F
2
3
F
1
F
1
+
F
2
3
F
2
2
F
2
+
F
1
Figure 12
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
2
F
2
+
F
1
F
1
−
F
2
F
1
F
2
2
F
1
−
F
2
2
F
1
+
F
2
3
F
2
F
1
+
F
2
3
F
1
2
F
2
−
F
1
fS = 65 MSPS
fIN 1 = 148 MHz, −7 dBFS
fIN 2 = 153 MHz, −7 dBFS
IMD3 = −81 dBFS
SFDR = 73 dBc
2
F
1
+
F
2
Figure 13
Code Number
0
5
10
15
20
25
30
35
40
8213 8214 8215 8216 8217 8218 8219 8220 8221 8222
NOISE HISTOGRAM WITH INPUTS SHORTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com