Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 12Page - Texas Instruments ADS5553IPFP Datasheet HTML 13Page - Texas Instruments ADS5553IPFP Datasheet HTML 14Page - Texas Instruments ADS5553IPFP Datasheet HTML 15Page - Texas Instruments ADS5553IPFP Datasheet HTML 16Page - Texas Instruments ADS5553IPFP Datasheet HTML 17Page - Texas Instruments ADS5553IPFP Datasheet HTML 18Page - Texas Instruments ADS5553IPFP Datasheet HTML 19Page - Texas Instruments ADS5553IPFP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
16
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS5553 is a low-power, dual 14 bit, 65 MSPS,
CMOS, switched capacitor, pipeline ADC that operates
from a single 3.3 V supply. The conversion process is
initiated by a falling edge of the external input clock.
Once the signal is captured by the input S&H, the input
sample is sequentially converted by a series of small
resolution stages, with the outputs combined in a digital
correction logic block. Both the rising and the falling
clock edges are used to propagate the sample through
the pipeline every half clock cycle. This process results
in a data latency of 16.5 clock cycles, after which the
output data is available as a 14 bit parallel word, coded
in binary two’s complement format.
INPUT CONFIGURATION
The analog input for the ADS5553 consists of a
differential sample-and-hold architecture implemented
using a switched capacitor technique, shown in
Figure 28.
VINCM
1V
+
INM
INP
L1
L2
R1a
R1b
CA
S3a
CP1
CP2
CP3
CP4
R3
−
L1, L2, : 6 nH to 10 nH effective
R1a, R1b : 5 Ω to 8 Ω
C1a, C1b : 2.2 pF to 2.6 pF
CP1, CP2 : 1.8 pF to 2.2 pF
CP3, CP4 : 1.2 pF to 1.8 pF
CA : 0.8 pF to 1.2 pF
R3 : 80 Ω to 120 Ω
Switches : S1a, S1b : On Resistance : 35 Ω to 50 Ω
S2, : On Resistance : 7.5 Ω to 15 Ω
S3a, S3b : On Resistance : 40 Ω to 60 Ω
All switches Off Resistance : 10 GΩ
All switches are on in sampling phase which is approximately one half of a clock period.
C1a
S1a
S3
S3b
C1b
Figure 28. Analog Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com