Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 5Page - Texas Instruments ADS5553IPFP Datasheet HTML 6Page - Texas Instruments ADS5553IPFP Datasheet HTML 7Page - Texas Instruments ADS5553IPFP Datasheet HTML 8Page - Texas Instruments ADS5553IPFP Datasheet HTML 9Page - Texas Instruments ADS5553IPFP Datasheet HTML 10Page - Texas Instruments ADS5553IPFP Datasheet HTML 11Page - Texas Instruments ADS5553IPFP Datasheet HTML 12Page - Texas Instruments ADS5553IPFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
9
DEFINITION OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the power of the
fundamental is reduced by 3 dB with respect to the low
frequency value.
Aperture Delay
The delay between the falling edge of the input
sampling clock and the actual time at which the
sampling occurs.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle
The duty cycle of a clock signal is the ratio of the time
the clock signal remains at a logic high (clock pulse
width) to the period of the clock signal. Duty cycle is
typically expressed as a percentage. A perfect
differential sine wave clock results in a 50% duty cycle.
Maximum Conversion Rate
The maximum sampling rate at which certified
operation is given. All parametric testing is performed
at this sampling rate unless otherwise noted.
Minimum Conversion Rate
The minimum sampling rate at which the ADC
functions.
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions at analog input
values spaced exactly 1LSB apart. The DNL is the
deviation of any single step from this ideal value,
measured in units of LSBs.
Integral Nonlinearity (INL)
The INL is the deviation of the ADC’s transfer function
from a best fit line determined by a least squares curve
fit of that transfer function, measured in units of LSBs.
Gain Error
The gain error is the deviation of the ADC’s actual input
full-scale range from its ideal value. The gain error is
given as a percentage of the ideal input full-scale range.
Gain error does not account for variations in the internal
reference voltages (see the Electrical Specifications
section for limits on the variation of VREFP and VREFM).
Offset Error
The offset error is the difference, given in number of
LSBs, between the ADC’s actual average idle channel
output code and the ideal average idle channel output
code. This quantity is often mapped into mV.
Temperature Drift
The temperature drift coefficient (with respect to gain
error and offset error) specifies the change per degree
celcius of the parameter from TMIN to TMAX. It is
calcuated by dividing the maximum deviation of the
parameter across the TMIN to TMAX range by the
difference TMAX−TMIN.
Signal-to-Noise Ratio
SNR is the ratio of the power of the fundamental (PS)
to the noise floor power (PN), excluding the power at DC
and the first eight harmonics.
SNR + 10Log10
P
S
PN
SNR is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental (PS)
to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding
DC.
SINAD + 10Log10
P
S
PN ) PD
SINAD is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Effective Number of Bits (ENOB)
The ENOB is a measure of a converter’s performance
as compared to the theoretical limit based on
quantization noise.
ENOB + SINAD * 1.76
6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com