Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5553IPFP
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5553IPFP Datasheet HTML 15Page - Texas Instruments ADS5553IPFP Datasheet HTML 16Page - Texas Instruments ADS5553IPFP Datasheet HTML 17Page - Texas Instruments ADS5553IPFP Datasheet HTML 18Page - Texas Instruments ADS5553IPFP Datasheet HTML 19Page - Texas Instruments ADS5553IPFP Datasheet HTML 20Page - Texas Instruments ADS5553IPFP Datasheet HTML 21Page - Texas Instruments ADS5553IPFP Datasheet HTML 22Page - Texas Instruments ADS5553IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
19
INPUT VOLTAGE OVER-STRESS
The ADS5553 can handle absolute maximum voltages
of 3.6 V DC on the input pins INP and INM. For DC
inputs between 3.6 V and 3.8 V, a 25 Ω resistor is
required in series with the input pins. For inputs above
3.8 V, the device can handle only transients, which need
to have less than 5% duty cycle of overstress. The input
pins connect internally to an ESD diode to AVDD, as well
as a switched capacitor circuit. The sampling capacitor
of the switched capacitor circuit connects to the input
pins through a switch in the sample phase. In this
phase, an input larger then 2.65 V would cause the
switched capacitor circuit to present an equivalent load
of a forward biased diode to 2.65 V, in series with a 60Ω
impedance. Also, beyond the voltage on AVDD, the ESD
diode to AVDD starts to become forward biased.
In the phase where the sampling switch is off, the diode
loading from the input switched capacitor circuit is
disconnected from the pin, while the ESD loading to
AVDD is still present.
CAUTION:
A violation of any of the previously stated
conditions could damage the device (or reduce
its lifetime) either due to electromigration or
gate oxide integrity. Care should be taken not
to expose the device to input over-voltage for
extended periods of time as it may degrade
device reliability.
POWER SUPPLY SEQUENCE
The preferred mode of power supply sequencing is to
power up AVDD first, followed by DRVDD. Raising both
supplies simultaneously is also a valid power supply
sequence. In the event that DRVDD powers up before
AVDD in the system, AVDD must power up within 10 ms
of DRVDD.
POWER DOWN
The device enters power down in one of two ways:
either by reducing the clock speed to between dc and
1 MHz or by selecting any of the modes in Table 2. If
reducing the clock speed, power-down may be initiated
for any clock frequency below 10 MHz. The actual
frequency at which the device powers down varies from
device to device.
Table 2. Powerdown Mode Selection
PDN
(Pin 50)
OEA
(Pin 52)
OEB
(Pin 48)
Out A
Out B
ADC A
ADC B
0
0
0
Off
Off
On
On
0
0
1
Off
On
On
On
0
1
0
On
Off
On
On
0
1
1
On
On
On
On
1
0
0
Off
Off
Off
Off
1
0
1
Off
On
Off
On
1
1
0
On
Off
On
Off
1
1
1
On
On
On
On
REFERENCE CIRCUIT
The ADS5553 has built-in internal reference
generation, requiring no external circuitry on the printed
circuit board (PCB). For optimum performance, it is best
to connect both REFP and REFM to ground with a 1 µF
decoupling capacitor in series with a 20 Ω resistor, as
shown in Figure 32. In addition, an external 56.2-kΩ
resistor should be connected from IREF (pin 10) to
AGND to set the proper current for the operation of the
ADC, as shown in Figure 32. No capacitor should be
connected between pin 31 and ground; only the 56.2 kΩ
resistor should be used.
20 Ω
REFP
29
REFM
30
IREF
31
1 µF
1 µF
20 Ω
56 kΩ
Figure 32. REFP, REFM, and IREF Connections
for Optimum Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com