Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 21 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 17Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 18Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 23Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 24Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
21
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF. The internal and external
load capacitance is chosen to closely match the required 9 pF.
5.4 Active Mode Supply Current (Into DVCC + AVCC ) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2). See Typical
Characteristics - Active-Mode Supply Current (Into DVCC + AVCC) for related characterization graphs.
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
IAM,1MHz
Active mode (AM)
current (1 MHz)
fDCO = fMCLK = fSMCLK = 1 MHz,
fACLK = 32768 Hz,
Program executes in flash,
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF = 0, SCG0 = 0, SCG1 = 0,
OSCOFF = 0
2.2 V
250
345
µA
3 V
350
455
IAM,1MHz
Active mode (AM)
current (1 MHz)
fDCO = fMCLK = fSMCLK = 1 MHz,
fACLK = 32768 Hz,
Program executes in RAM,
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ,
CPUOFF = 0, SCG0 = 0, SCG1 = 0,
OSCOFF = 0
2.2 V
220
µA
3 V
300
IAM,4kHz
Active mode (AM)
current (4 kHz)
fMCLK = fSMCLK = fACLK = 32768 Hz / 8
= 4096 Hz,
fDCO = 0 Hz,
Program executes in flash,
SELMx = 11, SELS = 1,
DIVMx = DIVSx = DIVAx = 11,
CPUOFF = 0, SCG0 = 1, SCG1 = 0,
OSCOFF = 0
-40°C to 85°C
2.2 V
2
5
µA
125°C
7
-40°C to 85°C
3 V
3
7
125°C
10
IAM,100kHz
Active mode (AM)
current (100 kHz)
fMCLK = fSMCLK = fDCO(0, 0) ≈ 100 kHz,
fACLK = 0 Hz,
Program executes in flash,
RSELx = 0, DCOx = 0, CPUOFF = 0,
SCG0 = 0, SCG1 = 0, OSCOFF = 1
-40°C to 85°C
2.2 V
60
85
µA
125°C
95
-40°C to 85°C
3 V
72
95
125°C
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com