Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 4 Page - Texas Instruments

  V62/13624-01XE-R Datasheet HTML 1Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 2Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 3Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 4Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 5Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 6Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 7Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
4
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Functional Block Diagram (continued)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
P1.0/TACLK/ADC10CLK/CAOUT
21
I/O
General-purpose digital I/O pin
Timer0_A3, clock signal TACLK input
Timer1_A2, clock signal TACLK input
ADC10, conversion clock
Comparator_A+ output
P1.1/TA0.0/TA1.0
22
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI0A input, compare: Out0 Output
Timer1_A2, capture: CCI0A input
P1.2/TA0.1
23
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI1A input, compare: Out1 Output
P1.3/TA0.2
24
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI2A input, compare: Out2 Output
P1.4/SMCLK/TCK
25
I/O
General-purpose digital I/O pin
SMCLK signal output
Test Clock input for device programming and test
P1.5/TA0.0/TMS
26
I/O
General-purpose digital I/O pin
Timer0_A3, compare: Out0 Output
JTAG test mode select, input terminal for device programming and test
P1.6/TA0.1/TDI/TCLK
27
I/O
General-purpose digital I/O pin
Timer0_A3, compare: Out1 Output
JTAG test data input or test clock input in programming an test
P1.7/TA0.2/TDO/TDI
28
I/O
General-purpose digital I/O pin
Timer0_A3, compare: Out2 Output
JTAG test data output terminal or test data input in programming an test
P2.0/ACLK/A0/CA2
6
I/O
General-purpose digital I/O pin
ACLK signal output
ADC10 analog input A0
Comparator_A+ input
P2.1/TAINCLK/SMCLK/A1/CA3
7
I/O
General-purpose digital I/O pin
SMCLK signal output
Timer0_A3, clock signal TACLK input
Timer1_A2, clock signal TACLK input
ADC10 analog input A1
Comparator_A+ input
P2.2/TA0.0/A2/CA4/CAOUT
8
I/O
General-purpose digital I/O pin
Timer0_A3, capture: CCI0B input, compare: Out0 Output
ADC10 analog input A2
Comparator_A+ input
Comparator_A+ output
P2.3/TA0.1/A3/VREF-/VeREF-/CA0
18
I/O
General-purpose digital I/O pin
Timer0_A3, compare: Out1 Output
ADC10 analog input A3 / negative reference
Comparator_A+ input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com