Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 5 Page - Texas Instruments

  V62/13624-01XE-R Datasheet HTML 1Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 2Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 3Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 4Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 5Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 6Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 7Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
5
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Functional Block Diagram (continued)
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
P2.4/TA0.2/A4/VREF+/VeREF+/CA1
19
I/O
General-purpose digital I/O pin
Timer0_A3, compare: Out2 Output
ADC10 analog input A4 / positive reference
Comparator_A+ input
XIN/P2.6/CA6
3
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+ input
XOUT/P2.7/CA7
2
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
Comparator_A+ input
P3.0/UCB0STE/UCA0CLK/A5
9
I/O
General-purpose digital I/O pin
USCI_B0 slave transmit enable/USCI_A0 clock input/output
ADC10 analog input A5
P3.1/UCB0SIMO/UCB0SDA
10
I/O
General-purpose digital I/O pin
USCI_B0 slave in/master out (SPI mode), SDA I2C data (I2C mode)
P3.2/UCB0SOMI/UCB0SCL
11
I/O
General-purpose digital I/O pin
USCI_B0 slave out/master in (SPI mode), SCL I2C clock (I2C mode)
P3.3/UCB0CLK/UCA0STE
12
I/O
General-purpose digital I/O
USCI_B0 clock input/output, USCI_A0 slave transmit enable
P3.4/UCA0TXD/UCA0SIMO
13
I/O
General-purpose digital I/O pin
USCI_A0 transmit data output in UART mode, slave data in/master out in
SPI mode
P3.5/UCA0RXD/UCA0SOMI
14
I/O
General-purpose digital I/O pin
USCI_A0 receive data input (UART mode), slave data out/master in
(SPI mode)
P3.6/TA1.0/A6
15
I/O
General-purpose digital I/O pin
Timer1_A2, capture: CCI0B input, compare: Out0 Output
ADC10 analog input A6
P3.7/TA1.1/A7
16
I/O
General-purpose digital I/O pin
Timer1_A2, capture: CCI1A input, compare: Out1 Output
ADC10 analog input A7
RST/NMI/SBWTDIO
5
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
29
I
Selects test mode for JTAG pins on Port 1. The device protection fuse is
connected to TEST.
P2.5/ROSC/CA5
32
I/O
General-purpose digital I/O pin
Input for external resistor defining the DCO nominal frequency
Comparator_A+ input
DVCC
30
Digital supply voltage
DVSS
1
Digital supply voltage
NC
4, 17, 20,
31
Not connected internally. Connection to VSS is recommended.
QFN Pad
Pad
QFN package pad (RHB, RTV packages). Connection to DVSS is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com