Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 39 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 35Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 36Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 42Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
39
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The leakage current is defined in the leakage current table with Px.x/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR- for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC10.
(4)
The internal reference current is supplied via terminal VCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables the built-in reference. The reference voltage must be allowed to settle before an A/D
conversion is started.
5.30 10-Bit ADC, Power Supply and Input Range Conditions
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VCC
Analog supply voltage
VSS = 0 V
2.2
3.6
V
VAx
Analog input voltage
range(2)
All Ax terminals,
Analog inputs selected in
ADC10AE register
0
VCC
V
IADC10
ADC10 supply current(3)
fADC10CLK = 5 MHz,
ADC10ON = 1, REFON = 0,
ADC10SHT0 = 1,
ADC10SHT1 = 0,
ADC10DIV = 0
I: -40°C to 85°C
T: -40°C to 105°C
2.2 V
0.52
1.06
mA
3 V
0.6
1.25
IREF+
Reference supply
current, reference buffer
disabled(4)
fADC10CLK = 5 MHz,
ADC10ON = 0, REF2_5V = 0,
REFON = 1, REFOUT = 0
I: -40°C to 85°C
T: -40°C to 105°C
2.2 V, 3 V
0.25
0.45
mA
fADC10CLK = 5 MHz,
ADC10ON = 0, REF2_5V = 1,
REFON = 1, REFOUT = 0
3 V
0.25
0.45
IREFB,0
Reference buffer supply
current with
ADC10SR = 0(4)
fADC10CLK = 5 MHz
ADC10ON = 0, REFON = 1,
REF2_5V = 0, REFOUT = 1,
ADC10SR = 0
-40°C to 85°C
2.2 V, 3 V
1.1
1.4
mA
125°C
1.85
IREFB,1
Reference buffer supply
current with
ADC10SR = 1(4)
fADC10CLK = 5 MHz,
ADC10ON = 0, REFON = 1,
REF2_5V = 0, REFOUT = 1,
ADC10SR = 1
-40°C to 85°C
2.2 V, 3 V
0.5
0.7
mA
125°C
0.85
CI
Input capacitance
Only one terminal Ax selected at
a time
I: -40°C to 85°C
T: -40°C to 105°C
27
pF
RI
Input MUX ON
resistance
0 V
≤ VAx ≤ VCC
I: -40°C to 85°C
T: -40°C to 105°C
2.2 V, 3 V
2000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com