Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 1 Page - Texas Instruments

  V62/13624-01XE-R Datasheet HTML 1Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 2Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 3Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 4Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 5Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 6Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 7Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
MSP430F2132-EP Mixed Signal Microcontroller
1
(1)
Crystal oscillator cannot be operated beyond 105°C.
1 Features
1
•
Low Supply Voltage Range: 1.8 V to 3.6 V
•
Ultra-Low Power Consumption
–
Active Mode: 250 µA at 1 MHz, 2.2 V
–
Standby Mode: 0.7 µA
–
Off Mode (RAM Retention): 0.1 µA
•
Ultra-Fast Wake-Up From Standby Mode in Less
Than 1 µs
•
16-Bit RISC Architecture, 62.5-ns Instruction
Cycle Time
•
Basic Clock Module Configurations
–
Internal Frequencies up to 16 MHz With Four
Calibrated Frequencies to ±1%
–
Internal Very-Low-Power Low-Frequency
Oscillator
–
32-kHz Crystal (1)
–
High-Frequency (HF) Crystal up to 16 MHz
–
Resonator
–
External Digital Clock Source
–
External Resistor
•
16-Bit Timer0_A3 With Three Capture/Compare
Registers
•
16-Bit Timer1_A2 With Two Capture/Compare
Registers
•
On-Chip Comparator for Analog Signal Compare
Function or Slope Analog-to-Digital (A/D)
Conversion
•
10-Bit 200-ksps A/D Converter With Internal
Reference, Sample-and-Hold, Autoscan, and Data
Transfer Controller
•
Universal Serial Communication Interface
–
Enhanced UART Supporting Auto-Baudrate
Detection (LIN)
–
IrDA Encoder and Decoder
–
Synchronous SPI
–
I2C™
•
Brownout Detector
(2)
Custom temperature ranges available
•
Serial Onboard Programming, No External
Programming Voltage Needed, Programmable
Code Protection by Security Fuse
•
Bootstrap Loader
•
On-Chip Emulation Module
•
8KB + 256B Flash Memory
•
512B RAM
•
Available in a 32-Pin QFN (RHB) Package
•
For Complete Module Descriptions, See the
MSP430x2xx Family User's Guide, Literature
Number SLAU144
2 Applications
•
Controlled Baseline
•
One Assembly and Test Site
•
One Fabrication Site
•
Available in Extended (–40°C to 125°C)
Temperature Range (2)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
3 Description
The
MSP430F2132
is
an
ultra-low-power
microcontroller. The architecture, combined with five
low-power modes, is optimized to achieve extended
battery life in portable measurement applications. The
device features a powerful 16-bit RISC CPU, 16-bit
registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled
oscillator (DCO) allows wake-up from low-power
modes to active mode in less than 1 µs.
The MSP430F2132 has two built-in 16-bit timers, a
fast 10-bit A/D converter with integrated reference
and a data transfer controller (DTC), a comparator,
built-in communication capability using the universal
serial communication interface, and up to 24 I/O pins.


Similar Part No. - V62/13624-01XE-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V62/13624-01XE TI1-V62/13624-01XE Datasheet
1Mb / 72P
MIXED SIGNAL MICROCONTROLLER
V62/13624-01XE TI1-V62/13624-01XE Datasheet
1Mb / 72P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - V62/13624-01XE-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com