Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/13624-01XE-R Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 49 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 45Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 46Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 47Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 48Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 49Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 50Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 51Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 52Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
−50
−25
0
25
50
75
100
T – Temperature − °C
A
R
= 100k
OSC
R
OSC = 270k
R
OSC = 1M
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.0
2.5
3.0
3.5
4.0
V
− Supply Voltage − V
CC
R
= 100k
OSC
R
OSC = 270k
R
OSC = 1M
0.01
0.10
1.00
10.00
10.00
100.00
1000.00
10000.00
RSELx = 4
R
− External Resistor − k
OSC
W
0.01
0.10
1.00
10.00
10.00
100.00
1000.00
10000.00
R
− External Resistor − k
OSC
W
RSELx = 4
49
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
5.46 Typical Characteristics - DCO With External Resistor ROSC
Figure 23. DCO Frequency vs ROSC VCC = 2.2 V, TA = 25°C
Figure 24. DCO Frequency vs ROSC VCC = 3 V, TA = 25°C
Figure 25. DCO Frequency vs Temperature VCC = 3 V
Figure 26. DCO Frequency vs Supply Voltage TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com