Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90SD1636AFD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Table 2. Pin Description (Continued.)
Name
Pin#
Type
Description
GND_RXT
VCC_RXT
33 46,
37, 42
P
Power and ground pairs for ESD structure.
RX<9>
RX<8>
RX<7>
RX<6>
RX<5>
RX<4>
RX<3>
RX<2>
RX<1>
RX<0>
34
35
36
37
38
39
40
41
43
44
45
TTL_OUT
Received Parallel Data Output. RX<0> is the least significant bit and is
received first. When DIN± lose input data, all RX pins will be held HIGH.
COM_DET
47
TTL_OUT
Comma detect. This pin is active HIGH. When asserted, it indicates the
detection of comma character (0011111XXX). It is active only when EN_CEDT
is enabled.
VCC_RXF
GND_RXF
50
51
P
Power and ground pair for the front-end of the receiver section.
DIN-
52
HS_IN
High-speed serial data input. Serial data input is received when
DIN+
54
EWRAP is disabled.
VCC_RXESD
GND_RXESD
53,55
56
P
Power and ground pair for ESD structure.
VCC_RXA
GND_RXA
57, 59
58
P
Power and ground pair for analog circuits of the receiver section.
VCC_TX_ECL
60
P
Power supply to line driver circuits. Ground supply is from pin 64.
DOUT-
DOUT+
61
62
HS_OUT
High-speed serial data output. These pins are active when EWRAP is disabled
and are held static at logic 1 when EWRAP is enable.
VCC_TX_HS
GND_TX_HS
63
64
P
Power and ground pair for high-speed transmit logic in the parallel-to-serial
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com