Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 15 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 15 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 13Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 14Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Pericom
Vitesse
Agilent
Pin #
PI90SD1636A
VSC7123
HDMP1636A/
46A
Comments
34
RX<9>
R9
RX[9]
Received Parallel Data Output
35
RX<8>
R8
RX[8]
36
RX<7>
R7
RX[7]
38
RX<6>
R6
RX[6]
39
RX<5>
R5
RX[5]
40
RX<4>
R4
RX[4]
41
RX<3>
R3
RX[3]
43
RX<2>
R2
RX[2]
44
RX<1>
R1
RX[1]
45
RX<0>
R0
RX[0]
37
VDD_RXT
VDDT
VCC_RXTTL
Connect to 3.3V
42
VDD_RXT
VDDT
VCC_RXTTL
Connect to 3.3V
46
GND_RXT
VSST
GND_RXTTL
Connect to the ground plane
47
COM_DET
COMDET
BYTSYNC
Comma Detect ( Byte Sync)
48
NC
TDI
RXCAP0
Pericom requires no external caps. External capaci-
tor will not affect performance
49
NC
TCK
RXCAP1
Pericom requires no external caps. External capaci-
tor will not affect performance
50
VDD_RXF
VDDD
VCC_RXA
Connect to 3.3V
51
GND_RXF
VSSD
GND_RXA
Connect to the ground plane
52
DIN-
RX-
-DIN
High-speed serial data input
53
VDD_RXESD
N/C
VCC
(Note 2)
Connect to 3.3V
54
DIN+
RX+
+DIN
High-speed serial data input
55
VDD_RXESD
TMS
VCC
Connect to 3.3V
56
GND_RXESD
TRSTN
GND
Connect to the ground plane
57
VDD_RXA
VDDD
VCC
Connect to 3.3V
58
GND_RXA
VSSD
GND
Connect to the ground plane
59
VDD_RXA
VDDD
VCC
Connect to 3.3V
60
VDD_TX_ECL
VDDP
VCC_TXECL
Connect to 3.3V
61
DOUT-
TX-
-DOUT
High-speed serial data output
62
DOUT+
TX+
+DOUT
High-speed serial data output
63
VDD_TX_HS
VDDP
VCC_TXHS
Connect to 3.3V
64
GND_TX_HS
VSSD
GND_TXHS
Connect to the ground plane
Notes:
1. For VSC7123, this pin is in high-impedance state in normal operation.
2. For VSC7123, this pin has no internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com