Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636AFD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 13Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
K28.5
1.4V
DATA
DATA
DATA
DATA
tHOLD
tSETUP
RX<9:0>
COM_DET
RX_CLK<1>
0.8V
2.0V
0.8V
2.0V
1.4V
tA-B
RX_CLK<0>
Figure 5. Receiver Section Timing
R5 R6 R7 R8 R9 R0 R1 R2 R3 R4 R5 R6 R7 R8 R9
R2 R3 R4 R5
DATA BYTE A
DATA BYTE D
1.4V
DATA BYTE C
DATA BYTE D
t_rxlat
DIN ±
RX<9:0>
RX_CLK<1>/<0>
Figure 6. Receiver Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com