Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 13Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 14Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Pericom
Vitesse
Agilent
Pin #
PI90SD1636A
VSC7123
HDMP1636A/46A
Comments
1
GND_ESD
VSSD
GND
Connect to the ground plane.
2
TX<0>
T0
TX[0]
10-bit parallel data input pins.
3
TX<1>
T1
TX[1]
4
TX<2>
T2
TX[2]
6
TX<3>
T3
TX[3]
7
TX<4>
T4
TX[4]
8
TX<5>
T5
TX[5]
9
TX<6>
T6
TX[6]
11
TX<7>
T7
TX[7]
12
TX<8>
T8
TX[8]
13
TX<9>
T9
TX[9]
5
VDD_ESD
VDDD
VCC
Connect to 3.3V
10
VDD_ESD
VDDD
VCC
Connect to 3.3V
14
GND_ESD
VSSD
GND
Connect to the ground plane.
15
GND_TXA
VSSA
GND_TXA
Connect to the ground plane.
16
NC
CAP0
TXCAP1
Pericom requires no external caps.
External capacitor will not affect performance
17
NC
CAP1
TX_CAP0
Pericom requires no external caps.
External capacitor will not affect performance
18
VDD_TXA
VDDA
VCC_TXA
Connect to 3.3V
19
EWRAP
EWRAP
LOOPEN
Loop-back Enable when HIGH. Set LOW for
normal operation
20
VDD_TXD
VDDD
VCC
Connect to 3.3V
21
GND_TXD
VSSD
GND
Connect to the ground plane
22
TX_CLK
REFCLK
REFCLK
125MHz reference clock.
23
VDD_RXD
VDDD
VCC
Connect to 3.3V
24
EN_CDET
ENCDET
ENBYTSYNC
Comma Detect Enable (Active HIGH)
25
GND_RXD
VSSD
GND
Connect to the ground plane.
26
SIG_DET
SIGDET
SIG_DET
Signal Detect (Active HIGH)
27
NC
(Note 1)
NC
NCTD0, No connect for normal operation.
28
VDD_RXD
VDDD
VCC
Connect to 3.3V
29
VDD_RX
VDDT
VCC_RXTTL
Connect to 3.3V
30
RX_CLK<1>
RCLKN
RBC1
Receiver Byte Clock
31
RX_CLK<0>
RCLK
RBC0
Receiver Byte Clock
32
GND_RX
VSST
GND_RXTTL
Connect to the ground plane
33
GND_RXT
VSST
GND_RXTTL
Connect to the ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com