Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 13Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 14Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Ordering Information
Ordering Code
Package Code
Package Description
PI90SD1636AFC
FC
64-pin 10mm x10mm LQFP
PI90SD1636AFCE
FC
Pb-free & Green, 64-pin 10mm x10mm LQFP
PI90SD1636AFD
FD
64-pin 14mm x14mm LQFP
PI90SD1636AFDE
FD
Pb-free & Green, 64-pin 14mm x14mm LQFP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Packaging Mechanical: 64-pin LQFP (FD)
Seating Plane
0.80 BSC
.031
0.17
0.27
.007
.010
1.60
.063
1.35
1.45
.053
.057
0.05
0.15
.002
.006
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
16.00 BSC
.551
Square
14.00 BSC
.630
Square
GAUGE PLANE
1.00 REF
.039
0.45
0.75
.018
.030
0.09
0.20
.004
.008
Max.
0.10
.004
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com