Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90SD1636AFD Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI90SD1636AFD
Description  SERDES Gigabit Ethernet Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636AFD Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636AFD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636AFD Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Table 6. DC Electrical Characteristics TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIH,TTL
TTL Input High Voltage Level, Guaranteed High Signal for All Inputs
2
5.5
V
VIL,TTL
TTL Input Low Voltage Level, Guaranteed Low Signal for All Inputs
0
0.8
VOH,TTL
TTL Output High Voltage Level, IOH = -400 mA
2.2
VCC
VOL,TTL
TTL Output Low Voltage Level, IOL = 1 mA
0
0.6
IIH,TTL
Input High Current, VIN = 2.4 V, VCC = 3.45 V
40
μA
IIL,TTL
Input Low Current, VIN = 0.4 V, VCC = 3.45 V
-600
ICC,TRX[1,2] Transceiver VCC Supply Current, TA = 25°C
220
mA
Notes:
1. Measurement Conditions: Tested sending 1250 MBd PRBS 27-1 sequence from a serial Bit Error Rate Tester (BERT) with DOUT± outputs
terminated with 150Ω resistors to GND.
2. Typical values are at VCC = 3.3 volts.
Table 7. Transceiver Reference Clock Requirements TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
f
Nominal Frequency (for gigabit Ethernet Compliance)
125
MHz
Ftol
Frequency Tolerance
-100
+100
ppm
Symm
Symmetry (Duty Cycle)
40
60
%
Tj
Peak-to-Peak Jitter
80
ps
Table 8. Transmitter Timing Characteristics TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tsetup
Setup Time to Rising Edge of TX_CLK
1.5
ns
thold
Hold Time to Rising Edge of TX_CLK
1.0
t_txlat[1]
Transmitter Latency
3.5
4.4
bits
Note:
1. The transmitter latency, as shown in Figure 4, is defined as the time between the latching in of the parallel data word (as triggered by the rising
edge of the transmit by clock, REFCLK) and the transmission of the first serial bit of that parallel word (defined by the rising edge of the first bit
transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com