Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 38 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 38 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 34Page - Microchip Technology 12F635 Datasheet HTML 35Page - Microchip Technology 12F635 Datasheet HTML 36Page - Microchip Technology 12F635 Datasheet HTML 37Page - Microchip Technology 12F635 Datasheet HTML 38Page - Microchip Technology 12F635 Datasheet HTML 39Page - Microchip Technology 12F635 Datasheet HTML 40Page - Microchip Technology 12F635 Datasheet HTML 41Page - Microchip Technology 12F635 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 36
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 3-7:
TWO-SPEED START-UP
3.7
Fail-Safe Clock Monitor
The Fail-Safe Clock Monitor (FSCM) is designed to
allow the device to continue to operate in the event of
an oscillator failure. The FSCM can detect oscillator
failure at any point after the device has exited a Reset
or Sleep condition and the Oscillator Start-up Timer
(OST) has expired.
FIGURE 3-8:
FSCM BLOCK DIAGRAM
The FSCM function is enabled by setting the FCMEN
bit in the Configuration Word register (Register 12-1). It
is applicable to all external clock options (LP, XT, HS,
EC, RC or I/O modes).
In the event of an external clock failure, the FSCM will
set the OSFIF bit (PIR1<2>) and generate an oscillator
fail interrupt if the OSFIE bit (PIE1<2>) is set. The
device will then switch the system clock to the internal
oscillator. The system clock will continue to come from
the internal oscillator unless the external clock recovers
and the Fail-Safe condition is exited.
The frequency of the internal oscillator will depend upon
the value contained in the IRCF bits (OSCCON<6:4>).
Upon entering the Fail-Safe condition, the OSTS bit
(OSCCON<3>) is automatically cleared to reflect that
the internal oscillator is active and the WDT is cleared.
The SCS bit (OSCCON<0>) is not updated. Enabling
FSCM does not affect the LTS bit.
The FSCM sample clock is generated by dividing the
LFINTOSC clock by 64. This will allow enough time
between FSCM sample clocks for a system clock edge
to occur. Figure 3-8 shows the FSCM block diagram.
On the rising edge of the sample clock, the monitoring
latch (CM = 0) will be cleared. On a falling edge of the
primary system clock, the monitoring latch will be set
(CM = 1). In the event that a falling edge of the sample
clock occurs and the monitoring latch is not set, a clock
failure has been detected. The assigned internal
oscillator is enabled when FSCM is enabled, as
reflected by the IRCF.
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
0
1
1022 1023
PC
PC + 1
PC + 2
T
INTOSC
OSC1
OSC2
Program Counter
System Clock
TOST
Primary
LFINTOSC
÷ 64
S
C
Q
31 kHz
(~32
μs)
488 Hz
(~2 ms)
Clock Monitor
Latch (CM)
(edge-triggered)
Clock
Failure
Detected
Oscillator
Clock
Q
Note 1: Two-Speed
Start-up
is
automatically
enabled
when
the
Fail-Safe
Clock
Monitor mode is enabled.
2: Primary clocks with a frequency of
≤ ~488 Hz will be considered failed by
FSCM. A slow starting oscillator can
cause an FCSM interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com