Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F635 Datasheet(PDF) 56 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 56 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 52Page - Microchip Technology 12F635 Datasheet HTML 53Page - Microchip Technology 12F635 Datasheet HTML 54Page - Microchip Technology 12F635 Datasheet HTML 55Page - Microchip Technology 12F635 Datasheet HTML 56Page - Microchip Technology 12F635 Datasheet HTML 57Page - Microchip Technology 12F635 Datasheet HTML 58Page - Microchip Technology 12F635 Datasheet HTML 59Page - Microchip Technology 12F635 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 54
Preliminary
© 2005 Microchip Technology Inc.
5.3
Using Timer0 with an External
Clock
When no prescaler is used, the external clock input is the
same as the prescaler output. The synchronization of
T0CKI, with the internal phase clocks, is accomplished
by sampling the prescaler output on the Q2 and Q4
cycles of the internal phase clocks. Therefore, it is
necessary for T0CKI to be high for at least 2 TOSC (and a
small RC delay of 20 ns) and low for at least 2 TOSC (and
a small RC delay of 20 ns). Refer to the electrical
specification of the desired device.
REGISTER 5-1:
OPTION_REG – OPTION REGISTER (ADDRESS: 81h)
Note:
The CMCON0 (19h) register must be ini-
tialized to configure an analog channel as
a digital input. Pins configured as analog
inputs will read ‘0’.
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
bit 7
RAPU: PORTA Pull-up Enable bit
1
= PORTA pull-ups are disabled
0
= PORTA pull-ups are enabled by individual values in the WPUDA register
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of RA2/T0CKI/INT/C1OUT pin
0
= Interrupt on falling edge of RA2/T0CKI/INT/C1OUT pin
bit 5
T0CS: TMR0 Clock Source Select bit
1
= Transition on RA2/T0CKI/INT/C1OUT pin
0
= Internal instruction cycle clock (CLKOUT)
bit 4
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on RA2/T0CKI/INT/C1OUT pin
0
= Increment on low-to-high transition on RA2/T0CKI/INT/C1OUT pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
Note 1: A dedicated 16-bit WDT postscaler is available for the PIC12F635/PIC16F636/639.
See Section 12.11 “Watchdog Timer (WDT)” for more information.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
TMR0 Rate WDT Rate(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com